Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download EPC3225G-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photoflash Flyback Transformer
ELECTRONICS INC.
EPC3225G-X
* Used as Flyback Transformer in High Voltage Photoflash Capacitor Charger * Designed for use with PNP or NPN Transistor * Operating Temperature : -40C to +85C * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Very Low Core Loss * Isolation : 500 Vrms
Electrical Parameters @ 25 C
PCA Part Number Transistor Design Voltage (Vdc) V in EPC3225G-1 EPC3225G-2 PNP or NPN PNP or NPN 1.5 1.5 V Out 320 320 2.5 2.5 Primary Peak Current (Amp) Turns Ratio Pri:Sec1:Sec2 1:240:2.4 1:240:N Primary OCL @ 0Adc (H Typ.) @ 100 KHz, 0.1 Vrms 22.3 22.3 DCR ( Typ.) Pri. .045 .045 Sec.1 301 301 A B Schematic
* N : Not Required/No Connection *
Package
Sample Circuit
Schematic A
8 Sec.1 7 6 Sec.2 5
Pin 1 I.D.
1
.319 Typ. (8.10)
8
D1
.236 (6.00)
4
.401 Typ. (10.20) .490 .020 (10.90) 5 (.500)
T1
(-320V) +
1 Pri. 3
.079 (2.00) Side Marking : .012 PCA EPC3225G-X(.300) D.C. .193 (4.90)
D2 1.5V + R
Schematic B
0-8
SW1
.026 (.650) .453 (11.50) Pad Layout .079 (2.00) .067 (1.70) .358 (9.10)
.008 (.203)
1 Pri. 3
8 Sec.1 7
.059 (1.50)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3225G-X Rev. 2 5/23/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3225G-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X